Part Number Hot Search : 
P2500 IRG4RC10 ACTS374D C206M S17R8 2SA1015 10100 0505X
Product Description
Full Text Search
 

To Download MA-1022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zener Diodes
MAZ1000 Series (MA1000 Series)
Silicon planar type
Unit : mm
For stabilization of power supply I Features
* High reliability, achieved by the combination the planar type and the glass seal * Large power dissipation: PD = 500 mW (With a printed-circuit board) * Wide voltage range: VZ = 2.0 V to 39 V * Easy-to-use because of the finely divided zener voltage ranks, such as L, M, and H ranks * Sharp rising performance
Colored band indicatesVz classification
1.780.15
1
Cathode
1st Band 2nd Band 3rd Band
Anode 2
www..com
Parameter
I Absolute Maximum Ratings Ta = 25C
Symbol IF(AV) IFRM Ptot PZSM Tj Tstg Rating 250 250 500 30 200 -65 to +200 Unit mA mA mW W C C Average forward current Repetitive peak forward current Total power dissipation*1
1 : Cathode 2 : Anode DO-35-A1 (Main body to be pained in yellowish green)
*Color indication of VZ rank classification
L rank Black M rank Blue H rank Red
Non-repetitive reverse surge power dissipation*2 Junction temperature Storage temperature
Note) *1 : With a printed-circuit board *2 : t = 100 s, Tj = 150C
I Common Electrical Characteristics Ta = 25C*1
Parameter Forward voltage (DC) Zener voltage*2 Symbol VF VZ RZK RZ Reverse current Temperature coefficient of zener voltage*3 Terminal capacitance IR SZ Ct IF = 10 mA IZ ****************** Specified value IZ ****************** Specified value IZ ****************** Specified value VR *************** Specified value IZ ****************** Specified value VR *************** Specified value Refer to the list of the electrical characteristics within part numbers Conditions Min Typ 0.8 Max 0.9 Unit V V A mV/C pF
Operating resistance
Note) 1 Rated input/output frequency: 5 MHz 2 *1 : The VZ value is for the temperature of 25C. In other cases, carry out the temperature compensation. *2 : Guaranteed at 20 ms after power application. *3 : Tj = 25C to 150C
Note) The part number in parenthesis shows conventional part number.
0.500.05
24 min.
4.00.5
24 min.
1
Zener Diodes
I Electrical characteristics within part numbers Ta = 25C
*VZ = 2.0 V to 6.8 V (IZ = 5 mA)
Zener voltage Part Number VZ (V) IZ = 5 mA Min Nom Max 1.88 2.24 1.88 2.12 2.01 2.24 2.08 2.45 2.08 2.33 2.20 2.45 2.28 2.4 2.7 2.28 2.56 2.4 2.7 2.5 2.7 2.9 2.5 2.6 2.75 2.65 2.8 2.9 2.8 3.0 3.2 2.83 2.9 2.97 t Sh 2.93 a 3.0 3.08 3.02 3.1 3.18 3.1 3.3 3.5 3.12 3.2 3.28 3.22 3.3 3.38 3.32 3.4 3.49 3.4 3.6 3.8 3.41 3.5 3.59 3.51 3.6 3.69 3.61 3.7 3.79 3.7 3.9 4.1 3.71 3.8 3.9 3.8 3.9 4.0 3.9 4.0 4.1 4.0 4.3 4.6 4.03 4.1 4.26 4.17 4.3 4.4 4.31 4.4 4.54 4.4 4.7 5.0 4.45 4.6 4.69 4.59 4.7 4.83 4.74 4.9 4.99 4.8 5.1 5.4 4.87 5.0 5.12 5.0 5.1 5.26 5.14 5.3 5.4 5.3 5.6 6.0 5.3 5.4 5.58 5.48 5.6 5.76 5.66 5.8 5.95 5.8 6.2 6.6 5.85 6.0 6.15 6.05 6.2 6.36 6.24 6.4 6.56 6.4 6.8 7.2 6.44 6.6 6.77 6.64 6.8 6.98 6.85 7.0 7.2 Reverse current Operating resistance
Temperature coefficient of zener voltage
MAZ1000 Series
Terminal capacitance
Marking
Ct (pF) IR1 (A) IR2 (A) RZ () RZK () SZ (mV/C) (V = 0 V) VR VR IZ = 5 mA IZ IZ = 5 mA f =R1 MHz (V) Max (V) Max Typ Max (mA) Max Min Typ Max Typ Max
Color indication Main body: Yellowish green
1st. Red 2nd. 3rd.
w
w
w
MAZ1020 MAZ1020-L MAZ1020-H MAZ1022 MAZ1022-L MAZ1022-H MAZ1024 MAZ1024-L MAZ1024-H MAZ1027 MAZ1027-L MAZ1027-H MAZ1030 MAZ1030-L .Da MAZ1030-M MAZ1030-H MAZ1033 MAZ1033-L MAZ1033-M MAZ1033-H MAZ1036 MAZ1036-L MAZ1036-M MAZ1036-H MAZ1039 MAZ1039-L MAZ1039-M MAZ1039-H MAZ1043 MAZ1043-L MAZ1043-M MAZ1043-H MAZ1047 MAZ1047-L MAZ1047-M MAZ1047-H MAZ1051 MAZ1051-L MAZ1051-M MAZ1051-H MAZ1056 MAZ1056-L MAZ1056-M MAZ1056-H MAZ1062 MAZ1062-L MAZ1062-M MAZ1062-H MAZ1068 MAZ1068-L MAZ1068-M MAZ1068-H
0.5 120
5 100
1 2000 -3.5 -1.5 0
375 450
Black Black
0.7 120
5 100
1 2000 -3.5 -1.5 0
375 450
Red
Red
Red
1
120
100
1 2000 -3.5 -1.6 0
375 450
Red Yellow Yellow
1
100
100
1 1000 -3.5 -2
0
350 450
Red
Purple Purple
1 e
50 e
t
85 . 1 4 U 100 c
1000 -3.5 -2.1 0 om
350 450 Orange Black Black
1
20
83 100
1 1000 -3.5 -2.4 0
325 450 Orange Orange Orange
1
10
81 100
1 1000 -3.5 -2.4 0
300 450 Orange Blue
Blue
1
10
79 100
1 1000 -3.5 -2.5 0
300 450 Orange White White
1
10
75 100
1 1000 -3.5 -2.5 0
275 450 Yellow Orange Orange
1
3
50 80
1
900 -3.5 -1.4 0.2 130 180 Yellow Purple Purple
2
2
40 60
1
800 -2.7 -0.8 1.2 110 160 Green Brown Brown
2
1
15 40
1
500 -2 1.2 2.5 95 140 Green
Blue
Blue
4
3
4
2
5.3 5.3 60 5.5 5.7 5.9 5.9 60 6.1 6.3
6
20 0.5 300 0.4 2.3 3.7 90 130 Blue
Red
Red
6
15 0.5 140 1.2
3
4.5 85 110 Blue
Gray
Gray
379
MAZ1000 Series
I Electrical characteristics within part numbers (continued) Ta = 25C
*VZ = 7.5 V to 22 V (IZ = 5 mA)
Zener voltage Part Number VZ (V) IZ = 5 mA Min Mom Max 7.0 7.5 7.9 7.07 7.3 7.43 7.29 7.5 7.67 7.51 7.7 7.89 7.7 8.2 8.7 7.77 7.9 8.17 8.03 8.2 8.43 8.29 8.5 8.7 8.5 9.1 9.6 8.58 8.8 9.02 8.87 9.1 9.33 9.14 9.4 9.6 9.4 10 10.6 9.44 9.7 9.92 taSh 9.75 10 10.25 10.07 10.3 10.59 10.4 11 11.6 10.4 10.7 10.94 10.73 11 11.28 11.05 11.3 11.6 11.4 12 12.7 11.4 11.7 11.96 11.73 12 12.33 12.06 12.3 12.68 12.4 13 14.1 12.4 12.7 12.99 12.73 13 13.4 13.25 13.7 14.08 13.65 14 14.35 13.9 15 15.6 13.9 14.3 14.76 14.6 15 15.35 14.95 15.3 15.6 15.3 16 17.1 15.3 15.7 16.09 15.7 16 16.5 16.26 16.7 17.1 16.9 18 19.1 16.9 17.3 17.76 17.55 18 18.45 18.2 18.7 19.1 18.8 20 21.2 18.85 19.3 19.81 19.50 20 20.5 20.15 20.7 21.19 20.8 22 23.3 20.8 21.3 21.86 21.45 22 22.55 22.1 22.7 23.24
Temperature coefficient of zener voltage Terminal capacitance
Zener Diodes
Reverse current IR1 (A) IR2 (A) VR VR (V) Max (V) Max 6.5 6.5 5 1 60 6.7 7.0 7.2 7.2 5 0.5 60 7.5 7.7 8 8 6 0.2 60 8.3 8.6 8.9 8.9 7 0.2 t 4 e e 9.2 60 9.5 9.9 9.9 7 0.1 60 10.2 10.5 10.9 10.9 8 0.1 60 11.2 11.5 11.9 11.9 9 0.1 60 12.2 12.7 9 0.1 13.1 60 13.4 13.4 10 0.05 60 14.1 14.4 14.8 14.8 11 0.05 60 15.2 15.7 16.4 16.4 13 0.05 60 17 17.7 18.3 18.3 14 0.05 60 19 19.6 20.3 20.3 15 0.05 60 20.9 21.6
Operating resistance
Marking
Ct (pF) RZ () RZK () SZ (mV/C) (V = 0 V) IZ = 5 mA IZ IZ = 5 mA f =R1 MHz Typ Max (mA) Max Min Typ Max Typ Max
Color indication Main body: Yellowish green
1st. 2nd. 3rd.
w
w
w
MAZ1075 MAZ1075-L MAZ1075-M MAZ1075-H MAZ1082 MAZ1082-L MAZ1082-M MAZ1082-H MAZ1091 MAZ1091-L MAZ1091-M MAZ1091-H MAZ1100 MAZ1100-L .Da MAZ1100-M MAZ1100-H MAZ1110 MAZ1110-L MAZ1110-M MAZ1110-H MAZ1120 MAZ1120-L MAZ1120-M MAZ1120-H MAZ1130 MAZ1130-L MAZ1130-M MAZ1130-H MAZ1140-M MAZ1150 MAZ1150-L MAZ1150-M MAZ1150-H MAZ1160 MAZ1160-L MAZ1160-M MAZ1160-H MAZ1180 MAZ1180-L MAZ1180-M MAZ1180-H MAZ1200 MAZ1200-L MAZ1200-M MAZ1200-H MAZ1220 MAZ1220-L MAZ1220-M MAZ1220-H
6
15 0.5 120 2.5
4
5.3 80 100 Purple Green Green
6
15 0.5 120 3.2 4.6 6.2 75
95
Gray
Red
Red
6
15 0.5 130 3.8 5.5
7
70
90 White Brown Brown
8 U
20 0.5 130 4.5 6.4 .com
8
70
90 Brown Black
10 20 0.5 170 5.4 7.4
9
65
85 Brown Brown
10 25 0.5 170
6
8.4 10
65
85 Brown
Red
10 30 0.5 170 10 30 0.5 170
7 7
9.4 11 10 13
60 60 55
80 Brown Orange 80 Brown Yellow 75 Brown Green

10 30 0.5 170 9.2 11.4 13
10 40 0.5 170 10.4 12.4 14
52
75 Brown Blue
10 45 0.5 170 12.4 14.4 16
47
70 Brown Gray
15 55 0.5 180 14.4 16.4 18
36
60
Red
Black
20 55 0.5 180 16.4 18.4 20
34
60
Red
Red
380
Zener Diodes
I Electrical characteristics within part numbers (continued) Ta = 25C
*VZ = 24 V (IZ = 5 mA)
Temperature coefficient of zener voltage
MAZ1000 Series
Zener voltage Part Number VZ (V) IZ = 5 mA Min Nom Max 22.8 24 25.6 22.8 23.3 23.97 23.5 24 24.7 24.35 25 25.6
Reverse current IR1 (A) IR2 (A) VR VR (V) Max (V) Max 22.3 22.3 17 0.05 60 23.8 23.8
Operating resistance
Terminal capacitance
Marking
Ct (pF) RZ () RZK () SZ (mV/C) (V = 0 V) IZ = 5 mA IZ IZ = 5 mA f =R1 MHz Typ Max (mA) Max Min Typ Max Typ Max
Color indication Main body: Yellowish green
1st. 2nd. 3rd.
MAZ1240 MAZ1240-L MAZ1240-M MAZ1240-H
25 70 0.5 180 18.4 20.4 22
33
55
Red Yellow
*VZ = 27 V to 39 V (IZ = 2 mA)
Zener voltage Part Number Reverse current IR2 (A) VR (V) Max 24.8 t 24.8 4 60 25.8 26.8 27.8 27.8 60 28.8 29.7 30.7 30.7 60 31.7 32.7 33.6 33.6 60 34.6 35.6 36 36 60 36 36 Operating resistance
Temperature coefficient of zener voltage Terminal capacitance
Marking
w
w
w
MAZ1270 .D MAZ1270-La MAZ1270-M MAZ1270-H MAZ1300 MAZ1300-L MAZ1300-M MAZ1300-H MAZ1330 MAZ1330-L MAZ1330-M MAZ1330-H MAZ1360 MAZ1360-L MAZ1360-M MAZ1360-H MAZ1390 MAZ1390-L MAZ1390-M MAZ1390-H
VZ (V) IR1 (A) IZ = 2 mA VR Min Nom Max (V) Max 25.1 27 28.9 t h 25.3 a 26S 26.7 e e 19 0.05 26.3 27 27.7 27.3 28 28.7 28 30 32 28.3 29 29.7 21 0.05 29.3 30 30.8 30.2 31 31.8 31 33 35 31.2 32 32.8 23 0.05 32.2 33 33.8 33.2 34 34.9 34 36 38 34.1 35 35.9 25 0.05 35.1 36 36.9 36.1 37 37.9 37 41 37.1 39 27 0.05 38 40 39 41
Ct (pF) RZ () RZK () SZ (mV/C) (V = 0 V) IZ = 2 mA IZ IZ = 2 mA f =R1 MHz Typ Max (mA) Max Min Typ Max Typ Max
Color indication Main body: Yellowish green
1st. Red 2nd. Purple 3rd.
U
.
c
o
m
50
25 80 0.5 200 21.4 23.4 25.3 30
30 80 0.5 200 24.4 26.6 29.4 27
50 Orange Black
35 80 0.5 200 27.4 29.7 33.4 25
45 Orange Orange
35 90 0.5 200 30.4 33 37.4 23
45 Orange Blue
130 0.5 250 33.4 36.4 41.2 21
45 Orange White
Note) 1. The VZ value is the one after power application for 20 ms at Ta = 25C. 2. The zener voltage temperature coefficient is the one for Tj = 25C to 150C.
381
MAZ1000 Series
Ptot Ta
Non-repetitive reverse surge power dissipation PZSM (W)
600 1.0 mm 500 10 mm 400 500 300
Zener Diodes
PZSM tW
320 Ta = 25C 280
100 50 30 Ta = 25C (Prior to surge) 10 5 3 150C (Prior to surge)
IF VF
Power dissipation Ptot (mW)
Forward current IF (mA)
3 mm
240 200 160 120 80 40
300
200
100
0 0 40 80 120 160 200 240
1 0.1
0
0.2 0.3 0.5 1 2 3 5 10
0
0.2
0.4
0.6
0.8
1.0
1.2
Ambient temperature Ta (C)
Pulse width tW (ms)
Forward voltage VF (V)
IZ V Z
160 T = 25C www..com Static
a
IZ V Z
120
MAZ1047 MAZ1051 MAZ1056 MAZ1062
IZ VZ
40 MAZ1110 Ta = 25C Static Characterisitics
Characterisitics
Zener current IZ (mA)
Zener current IZ (mA)
Zener current IZ (mA)
120
MAZ1068 MAZ1075 MAZ1082
MAZ1024 MAZ1027 MAZ1030 MAZ1033 MAZ1036 MAZ1039 MAZ1043
100
Ta = 25C Static Characterisitics 30
80
MAZ1130 MAZ1160 MAZ1200
40
40
MAZ1100
80
MAZ1091
60
20
MAZ1240 MAZ1270 MAZ1300 MAZ1330
10
20 MAZ1360 0 0 1 2 3 4 5 6 0 0 0 2 4 6 8 10 12 0 10 20 30 40 50
Zener voltage VZ (V)
Zener voltage VZ (V)
Zener voltage VZ (V)
IZ V Z
200 Tj = 25C Dynamic Characterisitics 160 200
IZ V Z
100 Tj = 25C 180 Dynamic Characterisitics 160
IZ VZ
MAZ1100
Tj = 25C Dynamic Characterisitics 80
MAZ1051 MAZ1056 MAZ1062
MAZ1068 MAZ1075 MAZ1082 MAZ1091
Zener current IZ (mA)
Zener current IZ (mA)
120
MAZ1024 MAZ1027 MAZ1030 MAZ1033 MAZ1036 MAZ1039 MAZ1043
140 120 100 80 60 40 20
Zener current IZ (mA)
MAZ1110
MAZ1130
MAZ1160
MAZ1200
MAZ1240
MAZ1270
MAZ1300
MAZ1330
60
80
40
40
MAZ1047
20
0
0
1
2
3
4
5
6
0
0
2
4
6
8
10
12
0
0
10
20
30
MAZ1360
40
Zener voltage VZ (V)
Zener voltage VZ (V)
Zener voltage VZ (V)
382
Zener Diodes
Zth tW
10
MAZ1000 Series
RZ IZ
104
Thermal impedance Zth (C / mW)
Operating resistance RZ ()
tW T 1 =1
= tW / T
103
102 MAZ1033 MAZ1024 MAZ1300 MAZ1047 MAZ1200 MAZ1120 MAZ1068
10-1
= 0.01
10
10-2 10
102
103
104
105
106
1 10-1
1
10
102
Pulse width tW (ms)
Zener current IZ (mA)
SZ IZ
1
10
SZ IZ
Temperature coefficient SZ (mV / C)
Tj = 25C to 150C 8 6 4 2 0 -2 -4 -6 MAZ1047 MAZ1100 MAZ1091 MAZ1082 MAZ1075 MAZ1062 MAZ1056 MAZ1051 MAZ1068
Temperature coefficient SZ (mV / C)
www..com
0
Tj = 25C to 150C MAZ1043 MAZ1039
-1
MAZ1036 MAZ1033
-2
MAZ1030 MAZ1024 MAZ1027
-3
0
20
40
60
80
100
120
0
4
8
12
16
20
24
Zener current IZ (mA)
Zener current IZ (mA)
Zener Diodes
383
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended.
www..com
(4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of MA-1022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X